Part Number Hot Search : 
2150A CPV363MK AFG310 C143Z 0512M SMAJ45A 12012 4741A
Product Description
Full Text Search
 

To Download RHEF750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com
PolySwitch(R) PTC Devices
Overcurrent Protection Device
Raychem Circuit Protection Products
PRODUCT: RHEF750 DOCUMENT: SCD 25208 PCN: F55950 REV LETTER: C REV DATE: AUGUST 14, 2007 PAGE NO.: 1 OF 1
Specification Status: RELEASED
Electrical Rating
Voltage: 16V MAX Current: 100A MAX Insulating Material: Cured, Flame Retardant Epoxy Polymer meets UL94 V-0 Requirements Lead Material: 20 AWG Tin Plated Copper (0.8 mm [0.032] nom. diameter) Marking:
TABLE I. DIMENSIONS:
A B MIN MAX MIN MAX -14.0 -23.5 -(0.55) -(0.93) *Rounded off approximation C MIN 4.3 (0.17) MAX 5.8 (0.23) MIN 7.6 (0.30) D MAX --MIN --E MAX 3.0 (0.12) F TYP 1.2 (0.05)
mm: in*:
TABLE II. PERFORMANCE RATINGS:
I HOLD RATED CURRENT CURRENT RATINGS TIME TO TRIP INITIAL RESISTANCE VALUES ONE-HOUR POST-TRIP RESISTANCE STANDARD TRIP OHMS AT 25C MAX 0.022 NOMINAL TRIPPED POWER DISSIPATION WATTS AT 25C 16V TYP 4.5
AMPS AT 25C HOLD 7.5
AMPS AT 25C HOLD TRIP 7.5 13.1
SECONDS AT OHMS 25C, 37.5A AT 25C MAX MIN MAX 7.0 0.0094 0.0153
Agency Recognitions: Reference Documents: Precedence: Effectivity: CAUTION:
UL, CSA, TUV PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant ELV Compliant Pb-Free
(c) 2004, 2007 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of RHEF750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X